Part Number Hot Search : 
21620 215DH 07231438 255788 M491B1 020180MH 12S15 SMAJ10
Product Description
Full Text Search
 

To Download PPC-L126STAND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-L128T
NEW Features
12.1" Fanless Panel PC with Intel(R) AtomTM N270 Processor
12.1" TFT XGA LCD with optional resistive touchscreen Embedded Intel(R) AtomTM processor N270 1.6 GHz System memory up to 2 GB DDR2 SDRAM Supports one internal SATA 2.5" HDD Support six USB 2.0 ports (4 external/ 2 internal), Dual Gigabit Ethernet Optional PCI/PCIe x 1 expansion kit Fanless and ultra-low power consumption Optional smart battery module Automatic data flow control over RS-485 (COM2)
Introduction
The PPC-L128T is 12.1" Fanless panel PC that delivers high performance while consuming low power. The PPC-L128T operates with low noise and provides display resolutions up to 1024 x 768 (XGA) pixels. The PPC-L128T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech's customization services and optional accessories including wireless modules, battery packs, and SATA optical devices, allow system integrators to design tailor-made solutions to a host of industrial applications. And PPC-L128T optionally supports a sunlight readable display, making it suitable for outdoor use.
Specifications
CPU CPU Front Side Bus Chipset Secondary Cache Memory Combo Drive SSD HDD Network (LAN) Fully Integrated I/O and Speakers Bus Expansion Front Panel Protection Weight Dimensions (W x H x D) OS Support Power Supply Display Type Max. Resolution Colors Pixel Pitch (mm) Viewing Angle Luminance (cd/m2) Brightness Control Backlight Lifetime Type Resolution Light Transmission Controller Durability (Touches) Operating Temperature Relative Humidity Shock Vibration EMC Safety Intel(R) AtomTM Processor N270 1.6 GHz 533 MHz Intel 945GSE + Intel ICH7M 512 KB L2 Cache 200-pin DDR2 533 SODIMM x1 Up to 2 GB Optional (989KL12801E) Supports one CompactFlash Type II, socket One internal SATA interface- 2.5" Type 2 x 10/100/1000 Mbps (RJ-45) 3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port 1 VGA Port ; PS/2 Mouse and Keyboard Line-in/ Line-out/ Mic-in Built-in 1W x 2 speakers, USB 2.0 ports x 4 1 x expansion slot for PCI/PCIe card 1 x MINI PCIe slot IP65/ NEMA 4 compliant 3.63 kg (7.98 Ib) 340.5 x 269.3 x 70.5 mm (13.41" x 10.6 x 2.78") Microsoft Windows XPE/XP Pro, Vista 12 -24 Vdc, 15-24 VDC with battery pack 12.1" Color TFT LCD 1024 x 768 262 K 0.240 x 0.240 160/160 450 Yes (by BIOS) 50,000 hours Analog Resistive 5 wires (ELO) Continuous 80 % USB Interface 35 million 0-45 C (32-113 F); 0-35 C with battery pack 10 ~ 95 % @ 40 C, non-condensing 10 G peak acceleration (11ms duration) 1G CE, FCC Class B, BSMI CE CB, UL, BSMI, CCC , VCCI
Processor System
LCD Display
Touchscreen (optional)
Environmental Specifications
Panel PCs
All product specifications are subject to change without notice Last updated : 19-Nov-2009
PPC-L128T Dimensions
Unit: mm
308.01
340.5
10
60.5 M4 Tap. 316 180
269.3
238.5
236.81
cutout
309.5 M4 Tap. isonly for front mount.
Ordering Information
Part NO Description Intel Atom processor N270 1.6 GHz fanless panel PC with 12.1" TFT LCD PPC-L128T-R80-XE PPC-L128T-080-XE with resistive touchscreen PPC-L128T-R80-WXE PPC-L128T-080-XE with resistive touchscreen (White) PPC-L128T-RXPE0E PPC-L128T w1G Memory/ Windows XPE XPE on 160G HDD PPC-ARM-A03 VESA Stand ARM for PPC series PPC-174T WL-MT Wall mount kit for PPC-174T PPC-L126 STAND Stand desktop stand for PPC-L126T/PPC-L127T PPC-L126Rack-MT 19" Rack mounting kit for PPC-L126/ PPC-L127 /L128 PPC-L128-EXPE PCI/PCIe expansion kit for PPC-L128 PS-DC19-L157E 19V DC power adapter module for PPC-L128/PPC-L157 1760000837 Smart Li-ion 3S2P 11.1V 4400 mAh -LTC4006/L127 170001524 Power cord 3P UL 10A 125V 1.8M 989KL128T00E Slim type DVD-RW Module for PPC-L128 989KL128T01E Slim type Combo Module for PPC-L128 989KL128T02E Wireless LAN Module for PPC-L128 PPC-L128T-080-XE
Fully-Integrated I/O
A B C D E F G H
I
JK
L
M
N
160 244.8
O
A. Main power switch B. USB 2.0 x 3 C. Ethernet jack D. USB 2.0 E. PS/2 mouse and keyboard F. PCI/PCIe expansion slot cover G. GPIO port H. DC inlet
I. Line-in jack J. Line-out jack K. Mic-in jack L. Ethernet jack M. VGA port N. Serial ports O. Battery door cover
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PPC-L126STAND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X